Part Number Hot Search : 
2SD13 BCM5789 P4201 SFF9130Z RF2337 200MHZ 200MHZ C847B
Product Description
Full Text Search
 

To Download HDSP-515H-GH000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  devices algaas her her yellow green red low std. low std. std. current current current current current package hdsp- hdsp- hdsp- hdsp- hdsp- description drawing 315h 315e 315l 315y 315g common anode, a 10 mm display 316h 316e 316l 316y 316g common cathode, b 10 mm display 515h 515e 515l 515y 515g common anode, a 13 mm display 516h 516e 516l 516y 516g common cathode, b 13 mm display 10 mm and 13 mm slim font seven segment displays technical data features ? excellent appearance ? slim font design ? mitered corners, evenly illuminated segments ? gray face for optimum on/off contrast ? choice of colors: dh algaas red, high efficiency red (her), yellow, and green ? low current available, algaas red and her choice of character size: 10 mm and 13 mm ? 50 viewing angle ? characterized for luminous intensity hdsp-315x series hdsp-316x series hdsp-515x series hdsp-516x series description the hdsp-31xx-51xx series of displays incorporates a new slim font character design. this slim font features narrow width, specially mitered segments to give a fuller appearance to the illuminated character. faces of these displays are painted a neutral gray for enhanced on/off contrast. all devices are available in either common anode or common cathode configuration with right hand decimal point. low current versions are available in either algaas red or her.
2 part numbering system notes: 1. for codes not listed in the figure above, please refer to the respective datasheet or contact your nearest agilent representative for details. 2. bin options refer to shippable bins for a part number. color and intensity bins are typically restricted to 1 bin per tube (exceptions may apply). please refer to respective datasheet for specific bin limit information. 5082 -x x x x-x x x x x hdsp-x x x x-x x x x x mechanical options [1] 00: no mechanical option color bin options [1,2] 0: no color bin limitation maximum intensity bin [1,2] 0: no maximum intensity bin limitation minimum intensity bin [1,2] 0: no minimum intensity bin limitation device configuration/color [1] h: algaas red e: high efficiency red g: green y: yellow device specific configuration [1] refer to respective datasheet package [1] refer to respective datasheet
3 hdsp-315x/316x series hdsp-515x/516x series 10 9.7 ?0.1 0.3 ?0.05 7.62 ?0.38 dia. 1.2 10 0.9 12.8 ?0.2 6 2.54 ?0.38 0.53 ?0.05 4 x 2.54 6.4 ?0.1 7 ?0.1 10.4 min. 1 2 3 4 5 6 7 8 9 10 g f common a/c e d dp c common a/c b a 1 2 3 4 5 10 9 8 7 6 dp a b g c d e f hdsp-xxxx xyy zw color bin (note 3) luminous intensity category date code pin function 13.0 12.25 ?0.15 0.58 ?0.08 2.54 ?0.3 typ. dia. 1.25 10 1.25 17.50 7.40 0.29 ?0.08 typ. 15.24 ?0.3 6.40 ?0.1 7.00 ?0.1 3.60 ?0.3 pin function 1 2 3 4 5 6 7 8 9 10 e d common a/c c dp b a common a/c f g hdsp-xxxx xyy zw color bin (note 3) luminous intensity category date code 1.04 ?0.3 typ. + 0.3 ?0.1 1 2 3 4 5 10 9 8 7 6 5.08 dp a b g c d e f notes: 1. package dimensions in millimeters. 2. untoleranced dimensions are for reference only. 3. for yellow and green devices only.
4 absolute maximum ratings algaas her red low low description current her current yellow green units average power per 37 105 52 105 105 mw segment or dp peak forward 45 90 [2] 45 90 [5] 90 [7] ma current per segment or dp dc forward current 15 [1] 30 [3] 15 [4] 30 [6] 30 [8] ma per segment or dp operating tempera- -20 to 100 -40 to +100 c ture range storage temperature -40 to +100 c range reverse voltage per 3.0 v segment or dp lead solder 260 c temperature for 3 seconds 1.59 mm. below seating plane notes: 1. derate above 91 c at 0.53 ma/ c. 2. see figure 9 to establish pulsed conditions. 3. derate above 53 c at 0.45 ma/ c. 4. derate above 80 c at 0.38 ma/ c. 5. see figure 10 to establish pulsed conditions. 6. derate above 81 c at 0.52 ma/ c. 7. see figure 11 to establish pulsed ocnditions. 8. derate above 39 c at 0.37 ma/ c.
5 algaas red low current device series test hdsp- parameter symbol min. typ. max. units conditions 315/316h luminous intensity/segment [1,2] i v 180 650 m cd i f = 1 ma 515/516h (digit average) forward voltage/segment or dp v f 1.8 2.2 v i f = 1 ma peak wavelength l peak 645 nm dominant wavelength [3] l d 637 nm reverse voltage/segment or dp [4] v r 315 v i r = 100 m a thermal resistance led r q j-pin 255 c/w/seg junction-to-pin her device series test hdsp- parameter symbol min. typ. max. units conditions 315/316e luminous intensity/segment [1,2] i v 450 2600 m cd i f = 10 ma 515/516e (digit average) forward voltage/segment or dp v f 1.9 2.5 v i f = 10 ma peak wavelength l peak 635 nm dominant wavelength [3] l d 626 nm reverse voltage/segment or dp [4] v r 330 v i r = 100 m a thermal resistance led r q j-pin 200 c/w/seg junction-to-pin her low current device series test hdsp- parameter symbol min. typ. max. units conditions 315/316l luminous intensity/segment [1,2] i v 180 370 m cd i f = 2 ma 515/516l (digit average) forward voltage/segment or dp v f 2.1 2.5 v i f = 2 ma peak wavelength l peak 635 nm dominant wavelength [3] l d 626 nm reverse voltage/segment or dp [4] v r 330 v i r = 100 m a thermal resistance led r q j-pin 200 c/w/seg junction-to-pin electrical/optical characteristics at t a = 25 c
6 green device series test hdsp- parameter symbol min. typ. max. units conditions 315/316e luminous intensity/segment [1,2] i v 450 5000 m cd i f = 10 ma 515/516e (digit average) forward voltage/segment or dp v f 2.1 2.5 v i f = 10 ma peak wavelength l peak 566 nm dominant wavelength [3] l d 571 nm reverse voltage/segment or dp [4] v r 350 v i r = 100 m a thermal resistance led r q j-pin 200 c/w/seg junction-to-pin notes: 1. case temperature of device immediately prior to the intensity measurement is 25 c. 2. the digits are categorized for luminous intensity. the intensity category is designated by a letter on the side of the package. 3. the dominant wavelength, l is derived from the cie chromaticity diagram and is that single wavelength which defines the color of the device. 4. typical specification for reference only. do not exceed absolute maximum ratings. yellow device series test hdsp- parameter symbol min. typ. max. units conditions 315/316y luminous intensity/segment [1,2] i v 450 1800 m cd i f = 10 ma 515/516y (digit average) forward voltage/segment or dp v f 2.0 2.5 v i f = 10 ma peak wavelength l peak 583 nm dominant wavelength [3] l d 586 nm reverse voltage/segment or dp [4] v r 350 v i r = 100 m a thermal resistance led r q j-pin 200 c/w/seg junction-to-pin figure 1. maximum allowable average or dc current vs. ambient temperature. figure 2. forward current vs. forward voltage. figure 3. relative luminous intensity vs dc forward current. 16 0 2 4 6 8 10 12 14 20 100 90 80 70 60 50 40 30 t a ?ambient temperature ?? i f ave. max ?maximum average forward current per segment ?ma 120 110 20 18 j-a r q = 770?/w i f ?forward current per segment ?ma 1.0 2.5 50.0 2.0 0.1 v f ?forward voltage ?v 1.5 2.0 20.0 10.0 1.0 0.5 0.5 0 5.0 relative luminous intensity (normalized to 1 at 1ma) 0.5 20 20 2 0.1 i f ?forward current per segment ?ma 12 5 10 10 5 1 0.5 0.2 0.2 0.1 algaas low current
7 her, yellow, and green figure 4. maximum tolerable peak current vs. pulse duration C her. ratio of maximum operating peak current to temperature derated dc current i f peak i dc max t p ?pulse duration ?? 10 1 100 10 10000 1000 100 1 operation in this region requires temperature derating of i dc maximum dc operation 3 khz 100 khz 1 khz 300 hz 100 hz ratio of maximum operating peak current to temperature derated dc current i peak f i max dc t p ?pulse duration ?? 10 1 100 10 10000 1000 100 1 operation in this region requires temperature derating of i dc maximum dc operation 3 khz 10 khz 1 khz 300 hz 100 hz figure 5. maximum tolerable peak current vs. pulse duration C yellow. figure 8. forward current vs. forward voltage characteristics. figure 9. relative luminous intensity vs. dc forward current. 0 100 80 60 40 20 i f ?forward current per segment ?ma 2.0 4.0 3.0 1.0 v f ?forward voltage ?v 0 5.0 yellow her green relative luminous intensity (normalized to 1 at 5 ma for her and yellow and to 1 at 10 ma for green) 15 0 10 8 6 4 2 20 530 10 25 12 i f ?forward current per segment ?ma 0 yellow green her ratio of maximum operating peak current to temperature derated dc current i f peak i dc max t p ?pulse duration ?? 10 1 100 10 10000 1000 100 1 operation in this region requires temperature derating of i dc maximum dc operation 3 khz 10 khz 1 khz 300 hz 100 hz figure 6. allowable peak current vs. pulse duration C green. figure 7. maximum allowable dc current per segment as a function of ambient temperature. 40 0 5 10 15 20 25 30 35 20 100 90 80 70 60 50 40 30 t a ?ambient temperature ?? i dc max ?maximum dc current per segment ?ma 120 110 50 45 her yellow green r q = 770?/w j-a
8 her low current figure 12. relative luminous intensity vs. dc forward current. figure 11. forward current vs. forward voltage. figure 10. maximum allowable average or dc current vs. ambient temperature. i f ?forward current per segment ?ma 0 0 v f ?forward voltage ?v 1.0 2.0 50 40 30 20 10 0.5 1.5 3.0 her 2.5 16 0 2 4 6 8 10 12 14 20 100 90 80 70 60 50 40 30 t a ?ambient temperature ?? i f ave. max ?maximum average forward current per segment ?ma 120 110 20 18 j-a r q = 770?/w her relative luminous intensity (normalized to 1 at 2 ma for her and to 1 at 4 ma for yellow and green 0 0 v f ?forward current per segment ?ma 610 16 12 10 6 2 28 16 her 14 14 8 4 412 intensity bin limits (mcd) her low current, algaas red low current her std. current, green std. current, yellow std. current hdsp-31xl/h, hdsp-51xl/h iv bin category min. max. e 0.180 0.360 f 0.280 0.560 g 0.450 0.900 h 0.700 1.400 i 1.100 2.200 k 1.800 3.600 l 2.800 5.600 m 4.500 9.000 n 7.000 15.000 hdsp-31xe/g/y, hdsp-51xe/g/y iv bin category min. max. g 0.450 0.900 h 0.700 1.400 i 1.100 2.200 k 1.800 3.600 l 2.800 5.600 m 4.500 9.000 n 7.000 15.000
9 electrical/optical for more information on electrical/optical characteristics, please see application note 1005. contrast enhancement for information on contrast enhancement, please see application note 1015. soldering/cleaning cleaning agents from the ketone family (acetone, methyl ethyl ketone, etc.) and from the chlorinated hydrocarbon family (methylene chloride, trichloro- ethylene, carbon tetrachloride, etc.) are not recommended for cleaning led parts. all of these various solvents attack or dissolve the encapsulating epoxies used to form the package of plastic led parts. for further information on soldering leds, please refer to application note 1027. dominant wavelength (nm) color bin min. max. yellow 1 581.50 585.00 3 584.00 587.50 2 586.50 590.00 4 589.00 592.50 green 2 573.00 577.00 3 570.00 574.00 4 567.00 571.00 5 564.00 568.00 note: all categories are established for classification of products. products may not be available in all categories. please contact your local agilent representatives for further clarification/information. color categories
www.semiconductor.agilent.com data subject to change. copyright ? 2001 agilent technologies, inc. july 20, 2001 obsoletes 5988-1736en (2/6/01) 5988-3204en


▲Up To Search▲   

 
Price & Availability of HDSP-515H-GH000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X